Part Number Hot Search : 
L3055 10101 R1224 XB0808P MAX4123 2SJ38007 LCE13 MIR521
Product Description
Full Text Search
 

To Download TSM-105-02-S-DV-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tsm?116?02?s?dh?lc tsm?118?01?t?sv www.samtec.com ?sh = single row horizontal pin mates with: ssw, ssq, ssm, bsw, esw, esq, bcs, slw, ces, idss, idsd, hle plating option note: some lengths, styles and options are non-standard, non-returnable. 1 no. pins per row lead style ?sv = single row vertical pin ?dv = double row vertical pin tsm ?01 ?02 ?03 ?04 post height ?dh = double row horizontal pin (style ?01, ?02 or ?03 only) ?mt = mixed technology pin (style ?01, ?02 or ?03 only) = .230" (5,84mm) post height (mates with ssw, bcs, ssm, idss, idsd) = .320" (8,13mm) post height (mates with ssm -dh) = .420" (10,67mm) post height (for bottom mount & pass through) = .120" (3,05mm) post height (mates with slw, ces, hle) 02 thru 36 .025" sq terminal strips tsm series row option f-209 ambient temperature 20c 40c 60c 80c current rating 7a 6a 4a 3a horizontal applications ssm tsm for complete speci cations and recommended pcb layouts see www.samtec.com?tsm insulator material: black liquid crystal polymer terminal material: phosphor bronze plating: au or sn over 50? (1,27?) ni operating temp range: -55? to +105? with tin; -55? to +125? with gold voltage rating: 475 vac -sv/-dv mated with bcs or ssm rohs compliant: yes ?l = 10" (0,25m) gold on post, matte tin on tail ?t matte tin on tail ?s = 30" (0,76m) gold on post, matte tin on tail processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead?free solderable: ye s -dh/-sh lead coplanarity: (0,15mm) .006" max (02-36) -dv/-sv lead coplanarity: (0,10mm) .004" max (02-05) (0,13mm) .005" max (06-10) (0,15mm) .006" max (11-36) (2,54) .100 x no. of positions (2,54) .100 (2,54) .100 (0,64) .025 sq (1,14) .045 ref (3,81) .150 (2,54) .100 post height 36 01 (7,87) .310 (0,64) .025 (2,54) .100 x no. of positions (no. of positions x (2,54) .100) ? (5,08) .200 (1,58) .062 (2,54) .100 (6,10) .240 post height (1,40) .055 dia(2) optional alignment pin (?a) 01 02 71 72 (1,78) .070 (2,54) .100 (2,54) .100 (1,52) .060 (2,29) .090 (1,16) .046 (3,68) .145 ?dh ?mt (2,54) .100 x no. of positions (no. of positions x (2,54) .100) ? (5,08) .200 (1,58) .062 dia (2) optional alignment pin (?a) (3,05) .120 (0,64) .025 sq (2,03) .080 (2,54) .100 post height 36 01 (1,40) .055 (1,78) .070 ?01= (4,57) .180 ?02, ?03, ?04= (4,82) .190 (2,54) .100 x no. of positions (2,54) .100 (5,08) .200 (2,54) .100 (0,64) .025 sq (no. of positions x (2,54) .100) ? (5,08) .200 (1,58) .062 (2,54) .100 (1,14) .045 ref (2,54) .100 dia(2) (3,81) .150 post height optional alignment pin (?a) 01 71 72 02 specifications file no. e111594 extended life product 10 year mixed flowing gas (mfg) 2,500 cycles when mated with bcs 2,500 cycles when mated with ssm
tsm?115?01?t?sh?a tsm?118?01?l?dh tsm?110?01?t?dv www.samtec.com other options ?lc = locking clip (not available with ?tv or ?tm) (3 positions minimum) ?m = metal pick & place pad (4 positions minimum without ?tr) (2 & 3 positions available with ?tr) styles ?01 & ?04 only ?dv ?tr = tape & reel packaging (?sv = 02-22 positions; 02 & 03 positions only available with ?p) (?dv = 02-28 positions; 02 & 03 positions only available with ?m) (?sh = 02-30 positions; 02 position only available with ?p) (?dh = 02-36 positions; 02 & 03 positions only available with ?k and ?p, 04 positions only with ?p) n/a with ?mt, ?tv or ?tm ?a = alignment pin metal or plastic at samtec discretion n/a with ?tv, tm or ?mt. (02 positions minimum) ??xxx? = polarized position 02 thru 30 positions only 02 thru 30 positions only ?k = (6,50mm) .256" dia polyimide film pick & place pad (?sh: 4 positions minimum without ?tr; 2 & 3 positions available with?tr) (?dh 4 positions minimum without ?tr) ?tv = triple row vertical surface mount (style ?01 only) ?tm = triple row vertical mixed technology (style ?01 only) ?p =plastic pick & place pad (?dv: 4 positions minimum without ?tr; 2 & 3 positions available with ?tr) (?sh: 4 positions minimum without ?tr; 2 & 3 positions available with ?tr) (?dh: 5 positions minimum without ?tr) (?sv: 4 positions minimum without ?tr; 2 & 3 positions available with ?tr) ?sh & ?dh ?sv (5,71) .225 x (4,16) .164 (6, 3 5) .250 x (7,62) . 3 00 (1,27) .050 (6,86) .270 (10,16) .400 x (5,08) .200 overall pin (oal) board space socke t profile post board stacking stacker heigh t application specific options edge mount and locking clips for ?v, solder locks for ?h and shrouds for ?v. call samtec. (2,54) .100 x no. of positions (2,54) .100 (7,62) .300 (2,54) .100 (0,64) .025 sq 01 88 90 03 (3,56) .140 post height (11,43) .450 (2,54) .100 x no. of positions (2,54) .100 (7,62) .300 (2,54) .100 (0,64) .025 sq 01 88 90 03 (1,27) .050 post height (11,43) .450 tape & reel availability call samtec for specifications and ordering information. no tooling charges. minimum order is the lesser of a full reel quantity or 125 pieces. order any quantity above minimum. in-house design, manufacture. quick turn-around.


▲Up To Search▲   

 
Price & Availability of TSM-105-02-S-DV-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X